Part Number Hot Search : 
25L32 NTE5143A 00BZXI RT1N241U 22152 MC3062 MIC4600 DTB123ES
Product Description
Full Text Search
 

To Download PS50-24S24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.powersolve.co.uk powersolve electronics ltd, units 8, 9 and 12 the paddock, hambridge road, newbury, berks rg14 5tq tel: 01635 521858 fax: 01635 523771 email: sales@powersolve.co.uk high density dc-dc modules ps50 series 25 to 50 watt wide input dc-dc converters single output features 25w/50w isolated output efficiency to 85% 300khz switching frequency 2 : 1 input range regulated outputs continuous short circuit protection five-sided metal case model input output output input current %eff voltage voltage current no load full load ps50-12s25 2.5 vdc 10 a 2740 ma 76 ps50-12s33 3.3 vdc 10 a 3525 ma 78 ps50-12s05 5 vdc 10 a 5145 ma 81 ps50-12s12 12 vdc 4.16 a 4950 ma 84 ps50-12s15 15 vdc 3.33 a 4950 ma 84 ps50-12s24 24 vdc 2.08 a 4950 ma 84 ps50-24s25 2.5 vdc 10 a 1353 ma 77 ps50-24s33 3.3 vdc 10 a 1740 ma 79 ps50-24s05 5 vdc 10 a 2540 ma 82 ps50-24s12 12 vdc 4.16 a 2450 ma 85 ps50-24s15 15 vdc 3.33 a 2450 ma 85 PS50-24S24 24 vdc 2.08 a 2419 ma 86 ps50-48s25 2.5 vdc 10 a 676 ma 77 ps50-48s33 3.3 vdc 10 a 870 ma 79 ps50-48s05 5 vdc 10 a 1250 ma 83 ps50-48s12 12 vdc 4.16 a 1220 ma 85 ps50-48s15 15 vdc 3.33 a 1220 ma 85 ps50-48s24 24 vdc 2.08 a 1209 ma 86 note: 1. nominal input voltage 12, 24 & 48 vdc 1 only for nominal input voltage 24 & 48 vdc 9-18vdc 18-36vdc 36-75vdc 50 ma 50 ma 50 ma
www.powersolve.co.uk powersolve electronics ltd, units 8, 9 and 12 the paddock, hambridge road, newbury, berks rg14 5tq tel: 01635 521858 fax: 01635 523771 email: sales@powersolve.co.uk high density dc-dc modules input input voltage range 12v 9-18v 24v 18-36v 48v 36-75v undervoltage lockout 12vin power up 8.8v power down 8v 24vin power up 17v power down 16v 48vin power up 34v power down 32.5v positive logic remote on/off 3.4 input filter pi type output voltage accuracy : + 1% max. transient response : 25% step load change <500 sec. external trim adj. range + 10% ripple & noise, 20mhz bw, 2.5v & 3.3v & 5v 20mv rms., max. 75mv pk-pk, max. 12v & 15v 30mv rms., max. 100mv pk-pk, max. 24v 100mv rms., max. 240mv pk-pk, max. environmental temperature coefficient + 0.03%/? short circuit protection continuous line regulation 1 + 0.2% max. load regulation 2 + 0.2% max. over voltage protection trip range, % vo nom. 115-140% current limit 110% ~150% nominal output general efficiency see table isolation voltage input/output 1500vdc min. input/case 1500vdc min. output/case 1500vdc min. isolation resistance 10 7 ohm min. switching frequency 12/24vin 400khz, typ. 48vin 300khz, typ. operating case temperature -40? to 100? storage temperature -55? to +105? thermal shutdown, case temp. 100? typ. dimensions 2.28x2.40x0.50 inches (57.9x61.0x12.7 mm) case material aluminium electrical specification note: 1. measured from high line to low line. 2. measured from full load to zero load. 3. logic compatibility - open collector ref. to -input, module on - open circuit, module off - < 0.8vdc 4. suffix "n" to the model number with negative logic remote on/off. pin function 1 +vin 2 on/off 3 case 4-vin 5 -vout 6 -sense 7 trim 8 +sense 9 +vout pin connection external output trim 2.40 (61.00) 0.08 (2.03) 2pl. 0.50 (12.70) 0.18 min. (4.60 ) 2*r1.50 mounting inserts m3*0.5 through 4pl. 2.00 (50.80) 1.40 (35.56) 0.60 (15.24) 4 3 2 1 5 6 7 8 9 1.90 (48.25) 2.28 (57.90) 0.04 (1.02) 7pl. all dimensions in inches(mm) -sense (6) trim up trim (7) trim down +sense (8) high signal here disable output on/off (2) -vin (4) pin tolerances inches .xx +.02 .xxx+.01 +0.02 millimeters .x+.5 .xx+.25 +0.5 remote on/off control bottom view side view -sense (6) trim up trim (7) trim down +sense (8) -sense (6) +sense (8) trim (7) 10k ohms trimpot all specifications typical at nominal line, full load and 25? unless otherwise noted. 2
www.powersolve.co.uk powersolve electronics ltd, units 8, 9 and 12 the paddock, hambridge road, newbury, berks rg14 5tq tel: 01635 521858 fax: 01635 523771 email: sales@powersolve.co.uk 3 derating: the operating case temperature range of the ps50 series is -40? to +100?. when operating the ps50 series, proper derating or cooling is needed. the following curve is the derating curve of a ps50 without heat sink. where: the power dissipation (pd): pd = pi - po = po (1-n) /n the thermal resistance are listed below: chart of thermal resistance vs air flow: the temperature rise ( t ): t = pd * rca application note air flow rate typical rca natural convection 20ft./min. (0.1m/s) 7.12 ?/w 100 ft./min. (0.5m/s) 6.21 ?/w 200 ft./min. (1.0m/s) 5.17 ?/w 300 ft./min. (1.5m/s) 4.29 ?/w 400 ft./min. (2.0m/s) 3.64 ?/w 500 ft./min. (2.5m/s) 2.96 ?/w 600 ft./min. (3.0m/s) 2.53 ?/w 700 ft./min. (3.5m/s) 2.37 ?/w 800 ft./min. (4.0m/s) 2.19 ?/w power dissipated vs ambient temperature and air flow 15 10 5 0 ambient temperature, ta(deg. c) power disspated, pd (watts) 0 10 20 30 40 50 60 70 80 90 100 20 25 30 35 40 45 50 natural convection 20 ft./min. (0.1 m/s) 100 ft./min. (0.5 m/s) 200 ft./min. (1.0 m/s) 300 ft./min. ( 1.5 m/s) 400 ft./min. (2.0 m/s) 500 ft./min. (2.5 m/s) 600 ft./min. (3.0 m/s) 700 ft./min. (3.5 m/s) 800 ft./min. (4.0 m/s) forced convection power derating without heat sink high density dc-dc modules
www.powersolve.co.uk powersolve electronics ltd, units 8, 9 and 12 the paddock, hambridge road, newbury, berks rg14 5tq tel: 01635 521858 fax: 01635 523771 email: sales@powersolve.co.uk 4 remote on/off control external output trimming output noise the ps50 series allows the user to switch the module on and off electronically with remote on/off feature. the ps50 series are available with "positive logic" or "negative logic" (option). output may optionally be externally trimmed (+ 10%) with a fixed resistor or an external trimpot as shown. the output noise is measured with 10 f tantalum capacitor and 1.0 f ceramic capacitor across output. high signal here disable output on/off (2) -vin (4) negative logic table external output output noise test circuit schematic logic positive logic logic low - switch closed logic high - switch open module on module off module off module on +sense (8) -sense (6) -sense (6) +sense (8) trim (7) trim (7) trim up trim down 10k ohms trimpot +vout (9) -vout (5) ceramic 1.0 f solid tantalum 10 f to scope resistor load logic state (pin 2) all specifications typical at nominal line, full load and 25? unless otherwise noted. high density dc-dc modules


▲Up To Search▲   

 
Price & Availability of PS50-24S24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X